lh1502bac, lh1502bactr, lh1502bb www.vishay.com vishay semiconductors rev. 1.5, 07-jul-11 1 document number: 83806 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dual 1 form a/b, c solid state relay description the lh1502 relays contain normally open and normally closed switches that can be used independently as a 1 form a and 1 form b relay, or when used together, as a 1 form c relay. the relays are constructed as a multi-chip hybrid device. actuation control is via an infrared led. the output switch is a combination of a photodiode array with mosfet switches and control circuity. features ? current limit protection ? isolation test voltage 3750 v rms ? typical r on 20 ? ? load voltage 350 v ? load current 150 ma ? high surge capability ? clean bounce free switching ? low power consumption ? smd lead availabl e on tape and reel ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec applications ? general telecom switching - on/off hook control - ring delay - dial pulse - ground start - ground fault protection ? instrumentation ? industrial controls 86 13 75 24 s 2' s 2 s 1 s 1' s 2' s 2 s 1 s 1' i179034_2 dip smd agency approvals ul1577: file no. e52744 system code h, double protection csa: certification 093751 din en: 60747-5-2 (vde 0884)/60747-5-5 (pending), available with option 1 fimko: 25419 ordering information lh1502b##tr part number electr. variation package config. tape and reel package ul, csa, fimko smd-8, tubes lh1502bac smd-8, tape and reel lh1502bactr dip-8, tubes lh1502bb > 0.1 mm 7.62 mm dip s md
lh1502bac, lh1502bactr, lh1502bb www.vishay.com vishay semiconductors rev. 1.5, 07-jul-11 2 document number: 83806 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mount ed devices (smd). refer to wave profile for soldering conditi ons for through hole devices (dip). (2) breakdown occurs between the output pins external to the package. (3) refer to current limit performance application note for a discussion on relay operation during transient currents. note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input led continuous forward current i f 50 ma led reverse voltage i r ? 10 a v r 8v output dc or peak ac load voltage i l ? 50 a v l 350 v continuous dc load current (form c operation) i l 150 ma peak load current, form a t = 100 ms i p (3) peak load current (single shot), form b i p 350 ma ssr ambient operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 125 c pin soldering temperature (1) t = 10 s max. t sld 260 c input to output isolation test voltage t = 1 s, i iso = 10 a max. v iso 3750 v rms pole-to-pole isolation voltage (s1 to s2) (2) , (dry air, dust free, at sea level) 1600 v output power dissipation (continuous) p diss 600 mw electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input led forward current, switch turn-on (no) i l = 100 ma, t = 10 ms i fon 0.6 2 ma led forward current, switch turn-off (no) v l = 300 v i foff 0.4 0.5 ma led forward current, switch turn-on (nc) i l = 300 ma, t = 10 ms i fon 0.2 0.9 ma led forward current, switch turn-off (nc) v l = 300 v i foff 12ma led forward voltage i f = 10 ma v f 1.15 1.26 1.45 v output on-resistance (no, nc) i f = 5 ma (no), i f = 0 ma (nc), i l = 50 ma (nc) r on 12 20 25 ? off-resistance (no) i f = 0 ma, v l = 100 v r off 0.35 5000 g ? off-resistance (nc) i f = 5 ma, v l = 100 v r off 0.1 1.4 g ? current limit (no) i f = 5 ma, t = 5 ms, v l = 5 v i lmt 270 290 380 ma off-state leakage current (no) i f = 0 ma, v l = 100 v i o 0.02 1000 na off-state leakage current (nc) i f = 5 ma, v l = 100 v i o 0.07 1 a off-state leakage current (no, nc) i f = 0 ma (no), i f = 5 ma (nc), v l = 200 v i o 1a output capacitance (no) i f = 0 ma, v l = 50 v c o 50 pf output capacitance (nc) i f = 5 ma, v l = 50 v c o 50 pf transfer capacitance (input to output) v iso = 1 v c io 3pf
lh1502bac, lh1502bactr, lh1502bb www.vishay.com vishay semiconductors rev. 1.5, 07-jul-11 3 document number: 83806 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - recommended operating conditions fig. 2 - recommended operating conditions switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit transfer turn-on time (no) i f = 10 ma, i l = 37.5 ma, v l = 150 v t on 0.2 3.2 6 ms turn-on time (nc) i f = 10 ma, i l = 37.5 ma, v l = 150 v t on 0.2 3.8 6 ms turn-off time (no) i f = 10 ma, i l = 37.5 ma, v l = 150 v t off 1.6 3 ms turn-off time (nc) i f = 10 ma, i l = 37.5 ma, v l = 150 v t off 0.8 3 ms ilh1502bb_00 90 0 60 120 150 30 - 40 - 20 0 20 40 60 80 form a load current (ma) ambient temperature (c) 5.0 ma ilh1502bb_01 90 0 50 150 120 30 - 40 - 20 0 20 40 60 80 load current (ma) ambient temperature (c) 5.0 ma form b
lh1502bac, lh1502bactr, lh1502bb www.vishay.com vishay semiconductors rev. 1.5, 07-jul-11 4 document number: 83806 for technical questions, contact: optocoupleranswers@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters package marking (example) note ? tape and reel suffix (tr) is not part of the package marking. i178017 9.65 8.08 2.54 9.14 6.35 0.46 6 to 0.8 dia. 2.54 7.62 7.62 6.35 7.24 typ. 3.3 7.62 9.14 typ. dip iso method a i178018 smd 9.65 8.08 2.54 9.53 6.35 0.46 4.45 3.3 0.64 typ. 0.25 typ. 7.62 1.5 1.9 8.31 2.54 iso method a lh1502 v yww h 68
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|